Part Number Hot Search : 
F800B FRK9160H CY6214 1206H SF106 MPSA43 TC124E 1050QA1
Product Description
Full Text Search
 

To Download 39-53-2034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 01/16/2013 please check www.molex.com for latest part information part number: 39-53-2034 status: active overview: ffc-fpc (through-hole) description: 1.25mm pitch ffc/fpc connector, through-hole, right angle, zif, top contact style, 3 circuits, lead-free documents: 3d model packaging specification spk-5597-003 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-5597-004 (pdf) agency certification ul e29179 general product family ffc/fpc connectors series 5597 overview ffc-fpc (through-hole) product name n/a upc 822348169207 physical circuits (loaded) 3 color - resin natural contact position top durability (mating cycles max) 30 entry angle 90 angle flammability 94v-0 mated height 5.00mm material - metal phosphor bronze material - plating mating tin-bismuth material - plating termination tin-bismuth material - resin polyester net weight 437.810/mg number of rows 1 orientation right angle pc tail length 3.50mm pcb locator no pcb retention none packaging type tray pitch - mating interface 1.25mm plating min - mating 1.016m plating min - termination 1.016m polarized to pcb no stackable no surface mount compatible (smc) no temperature range - operating -20c to +80c termination interface: style through hole wire/cable type ffc/fpc electrical current - maximum per contact 1a voltage - maximum 200v material info old part number 5597-03apb7f series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5597 series
reference - drawing numbers packaging specification spk-5597-003 product specification ps-5597-004, rps-5597-005, rps-5597-006, rps-5597-013, rps-5597-014, rps-5597-015 sales drawing sd-5597-011 this document was generated on 01/16/2013 please check www.molex.com for latest part information
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: molex: ? 39-53-2034


▲Up To Search▲   

 
Price & Availability of 39-53-2034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X